Part Number Hot Search : 
TCZL15B TDA4865A MLSEP12 SP232 SB250 38000 A3121LLT C5604
Product Description
Full Text Search
 

To Download DPAH-24C2-33P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Rack and Panel
DPA-Miniature Rack/Panel DPA plugs are rugged, miniature rack/panel plugs utilizing maximum insert space in a one-piece shell. Polarization is accomplished with a keystone cornered shell and the coupling means is friction. Operating temperature for the DPA is - 55 C to + 125 C (-67 F to + 257 F) DPAF - Float Mount Shells DPAF plugs are DPA plugs with four rivets with washers on the contact termination side of the connector. Floating rivets are .093 (2.36) I.D. with a minimum of .032 (0.81) float. DPAL - Large Flange Shells
DPA
DPAL plugs are DPA plugs with a large flange. DPAMA - Little CAESAR' Contact Assembly DPAMA plugs are DPA plugs with the proven LITTLE CAESAR contact assembly for rear insertion, release and extraction of crimp type contacts. Insertion requires no tool; extraction requires an expendable plastic tool. Hard dielectric, closedentry socket insert has lead-in chamfers for positive mating of pin contacts. Contacts are of simpler, stronger design for greater resistance to bending or damge and are crimplable with the M22520/1-01 tool.
Material Specifications
DPA/DPAF/DPAL Material Shell Insulator Finish Material Material Contacts Finish Termination Aluminum alloy Cadmium plate with yellow chromate Melamine Copper alloy Gold over copper alloy Solder pot DPAMA Aluminum alloy Cadmium plate with yellow chromate Diallyl phthalate Copper alloy Gold over copper alloy Crimp
How to Order
DPA DPA H DPA MA 24C2 32 32 34 P 34 P 33 S -
*
SERIES PREFIX CLASS CONTACT ARRANGEMENT SHELL TYPE CONTACT TYPE MOUNTING HOLE STYLE MODIFIER SERIES PREFIX CLASS F - Float mount shell L - Large flange shell MA - LITTLE CAESAR contact assembly with crimp, snap in contacts CONTACT ARRANGEMENT MOUNTING HOLE STYLES DPA No Dash - .093 (2.36) Dia. A - .093 (2.36) Dia., countersunk 82 to .173 (4.39) Dia. B - .120 (3.05) Dia., countersunk 100 to .225 (5.72) Dia. C - .093 (2.36) Dia., countersunk 100 to - .182 (4.62) Dia. D - .136 (3.45) Dia. E - .120 (3.05) Dia. F - .100 (2.54) Dia. G - .120 (3.05) Dia., countersunk 82 to .203 (5.16) Dia. H - Tapped #4-40 NC-2 J - .093 (2.36) Dia., countersunk 100 to .192 (4.88) Dia. DPAMA No Dash - .093 (2.36) Dia., countersunk 82 to .173 (4.39) Dia. - .093 (2.36) Dia. A - .120 (3.05) Dia,. countersunk 100 to B .225 (5.72) Dia. - .093 (2.36) Dia., countersunk 100 to C .182 (4.62) Dia. - .136 (3.45) Dia. D - .120 (3.05) Dia. E - .100 (2.54) Dia. F - .120 (3.05) Dia., countersunk 82 to G .203 (5.16) Dia. - Tapped #4-40 NC-2 H MODIFIER
Add FO to order connector less contacts. Consult factory for other modifications.
SHELL TYPE 33 for male, 34 for female CONTACT TYPE P - Pin S - Socket
Arrangements with coax contacts, such as 24C2, may be ordered without coax contacts by substituting a "W" for teh "C" e.g., DPA-24C2-34P with two coax contacts becomes DPA-24W2-34P with two cavities. The customer can then order separately any snap in coax contact shown on page 95. The customer is thus able to "create" arrangements with infinite combinations of coax contacts. Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
92
Miniature Rack and Panel
Solid Shell
DPA-33
4 HOLES .093 (2.36) DIA. 1.000 (25.40) 2.000 (50.80) .187 R. TYP. (4.75) .766 + .015 _ (19.46 + 0.38) _ .468 (11.89) .078 (1.98)
DPA
DPA-34
4 HOLES .093 (2.36) DIA. 1.000 (25.40)
1.532 + .051 _ (38.91 + 0.38) _
.093 (2.36) .078 (1.98) .907 + .015 _ (23.04 + 0.38) _ .750 (19.05) .812 (20.62) INSULATOR
.500 + .005 _ (12.70 + 0.13) _
.125 (3.18) R. TYP.
1.391 + .015 _ (35.33 + 0.38) _ 1.780 + .005 _ (45.21 + 0.13) _
.625 (15.88) .688 (17.48) INSULATOR
.500 + .005 _ (12.70 + 0.13) _
1.780 + .005 _ (45.21 + 0.13) _ 2.000 (50.80)
.187 (4.75) R. TYP.
Large Flange Shell
DPAL-33
2.188 (55.58) .766 + .015 _ (19.46 + 0.38) _ 1.391 + .015 _ (35.33 + 0.38) _ .187 (4.75) R. TYP. .468 (11.89) .078 (1.98) 1.312 (33.32)
DPAL-34
4 HOLES .189 (4.80) DIA. .093 (2.36) 2.188 (55.58) .078 (1.98)
1.312 (33.32)
.500 + .005 _ (12.70 + 0.13) _
.907 + .015 _ (23.04 + 0.38) _
.125 R. TYP. (3.18) 4 HOLES .093 (2.36) DIA. COUNTER Sunk 82 TO :188 (4.75) DIA.
1.875 + .005 _ (47.62 + 0.13) _
.625 (15.88) .688 (17.48) INSULATOR
.500 + .005 _ (12.70 + 0.13) _
1.532 + .051 _ (38.91 + 0.38) _ 1.875 + .005 _ (47.62 + 0.13) _
.187 (4.75) R. TYP.
.750 (19.05) .812 (20.62) INSULATOR
Float Mount Shell
DPAF-33
.063 (1.60) R. TYP. .468 (11.89) .078 (1.98) .766 + .015 _ (19.71 + 0.38) _ 1.000 (25.40)
DPAF-34
.500 + .005 _ (12.70 + 0.13) _
4 FLOATING EYELETS .093 (2.36) I.D. 1.391 + .015 _ (35.33 + 0.38) _
.500 + .005 _ (12.70 + 0.13) _
4 FLOATING EYELETS .093 (2.36) I.D. 1.532 + .051 _ (38.91 + 0.38) _ .907 + .015 _ (23.04 + 0.38) _
.093 (2.36) .078 (1.98)
1.000 (25.40)
.125 (3.18) R. TYP.
1.875 + .005 _ (47.62 + 0.13) _ 2.188 (55.58) .688 (17.48)
.625 (15.88)
.187 (4.75) R. TYP.
1.875 + .005 _ (47.62 + 0.13) _ 2.188 (55.58)
.750 (19.05) .812 (20.62) .062 (1.58) R. TYP. INSULATOR
INSULATOR
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
93
Miniature Rack and Panel
Contact Arrangements
Face view of pin insert
3 2 1 2 1 2 1
DPA
4 5 4 6 5
3
No. of contacts & Wire Size Test Voltage AC (RMS)
2 2 #4 2900
5 1 #4, 4 #14 2500
6 2 #8, 2 #12, 2 #20 2600 (5,6)
6 A3
5 8 10
4 A2
3
2 7 9
1 A1
6 A2
5 10 14
4 9 13 19
3 8 12 18
2 7 11 17
1 A1
8 14 20
7 13 19 27
6 12 18 26
5 11 17 25
4 10 16 24
3 9 15 23
2 A1
1
8 16 24 32
7 15 23 31
6 14 22 30
5 13 21 29
4 12 20 28
3 11 19 27
2 10 18 26
1 9 17 25
18
17
16
15
14
13
12
11
22
21
20
16
15
28
No. of contacts & Wire Size Test Voltage AC (RMS)
21C3 18 #20, 3 coax 1500 (1-18) 1000 (A1, A2, A3)
24C2 22 #20, 2 coax 1500 (1-22) 1000 (A1, A2)
29C1 28 #20, 1 coax 1500 (1-28), 1000 (A1)
32 32 #20 1500
Arrangement also available with LITTLE CAESAR contact assembly and may be employed in any shell type.
Contact Arrangements
DPA Coaxial Variations
Termination Code 1 2 3* 4 5 6* 7 8 9 10 11* A21C3 *21C3 B21C3 C21C3 D21C3 E21C3 F21C3 F21C3 H21C3 21HV3 J21C3 21W3 Variations of Basic Arranements *24C2 D24C2 L24C2 P24C2 K24C2 N24C2 B24C2 C24C2 R24C2 24HV2 H24C2 24W2 *29C1 A29C1 C29C1 F29C1 K29C1 L29C1 M29C1 N29C1 P29C1 29HV1 G29C1 29W1 Coaxial Type/Part Number FIXED FIXED P-249-5012-000 S-249-5008-000 FIXED FIXED P-249-5052-002 S-249-5051-001 FIXED FIXED FIXED FIXED P-249-5052-002 S-249-5051-001 1.218 (30.94) 1.094 (27.79) 1.094 (27.79) 1.125 (28.98) 1.062(26.98) 1.218 (30.94) Coaxials Not Supplied .670 (17.02) .594 (15.09) .609 (15.47) .625 (15.88) .554 (14.07) .670 (17.02) Max. Coaxial Extension From Rear of Flange 34 Shell .953 (24.21) .859 (21.82) 1.031 (26.91) 1.094 (27.79 1.047 (26.59) 33 Shell .453 (11.51) .359 (9.12) .500 (12.70) .594 (15.09) .561 (14.28)
*Termination codes - 3, - 6, - 11 utilize snap - in nonremovable coaxials which are supplied with the connector. These coaxials may be ordered separately when ordering the connectors without coaxials (21W3 24W2 and 29W1 layouts).
DPAMA Coaxial Variations
Variations of Basic Arrangements 24W2 E24C2 29W1 B29C1 Coaxial Type/Part Number Coaxials Not Supplies* Crimp Type for RG-58/U cable Max. Coaxial Extension From Rear of Flange 34 Shell 1.239 (31.47) 33 Shell .737 (18.72)
*DPAMA coaxials purchased separately may be ordered under the following part numbers: Pin (Plug): 249-1741-000 Socket (receptacle): 249-9008-000 Crimp Tool: CA58073-0000 Extraction tool: CET-C11 NOTE: DPA snap in coaxials and DPAMA crimp coaxials are NOT interchangeable but are intermateable.
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
94
Miniature Rack and Panel
Contact Terminations
DPA
All dimensions are + .010 (0.25) unless indicated otherwise. _
Code
Cable Accommodation .156 (3.96) DIA. .096 (2.44) DIA. 7 Special
1
RG-59B/U RG-62A/U .062 (1.58) DIA.
.067 (1.70) DIA. 8 RG-187/U RG-188/U
2
RG-187/U RG-188/U .145 (3.68) DIA.
.040 (1.02) DIA. 3 RG-58C/U 9 .123 (3.12) DIA. 4 RG-58C/U 10 High Voltage wire accommodation HV#20 RG-178A/U RG-196/U
5
#20 captive contact
#20 CONTACT 11 .040 (1.02) DIA. RG-187/U RG-188/U
.067 (1.70) DIA.
6
RG-178A/U RG-196/U
MAX. CONTACT EXTENSION from rear of insulator
Contact Size Contact Extension Pin Socket 20 .156 (3.96) .156 (3.96) 18 .140 (3.56) .250 (6.35) 14 .125 (3.18) .344 (8.74) 12 .218 (5.54) .218 (5.54) 8 .218 (5.54) .266 (6.76) 4 .250 (6.35) .531 (13.49)
Contact Arrangements
Dust Caps
Conductive: DPA-60-1 025-0573-001 (Protects Against Static Electricity
DPA-59 FOR 33 SHELLS 025-0572-000
DPA-60 FOR 34 SHELLS 025-0573-000
22054 Potting Shell
20746 Straight Junction Shell
20746-1 90 Angle Junction Shell
1.046 (26.57) 1.562 (39.68) 2.000 (50.80) APPROX.
.656 (16.66) CABLE ENTRY 1.562 (39.68)
1.468 (37.29) APPROX. .625 (15.88) .937 (23.80) .937 (23.80)
1.562 (39.68)
1.000 (25.40) .656 (16.66) CABLE ENTRY 1.250 (31.75)
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
95


▲Up To Search▲   

 
Price & Availability of DPAH-24C2-33P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X